Part Number Hot Search : 
AD640N MB39A BPC3506 APTGT TA58M15F B89PV ZMY20G M54929
Product Description
Full Text Search
 

To Download AV8550S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  @vic av 8 5 5 0 s pnp epitaxial silicon transistor qw-r201-012,a low voltage high current small signal pnp transistor features *collector current up to 700ma *collector-emitter voltage up to 20 v *complimentary to 8050s applications *class b push-pull audio amplifier *general purpose applications to-92 1 1: emitter 2: collector 3: base absolute maximum ratings ( ta=25 c ,unless otherwise specified ) parameters symbol rating units collector-base voltage v cbo -30 v collector-emitter voltage v ceo -20 v emitter-base voltage v ebo -5 v collector dissipation(ta=25 c ) pc 1 w collector current ic -700 ma junction temperature t j 150 c storage temperature t stg -65 ~ +150 c electrical characteristics (ta=25 c,unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo ic=-100 a,i e =0 -30 v collector-emitter breakdown voltage bv ceo ic=-1ma,i b =0 -20 v emitter-base breakdown voltage bv ebo i e =-100 a,ic=0 -5 v collector cut-off current i cbo v cb =-30v,i e =0 -1 ua emitter cut-off current i ebo v eb =-5v,ic=0 -100 na dc current gain(note) hfe 1 hfe2 hfe3 v ce =-1v,ic=-1ma v ce =-1v,ic=-150 ma v ce =-1v,ic=-500ma 100 120 40 110 400 collector-emitter saturation voltage v ce (sat) ic=-500ma,i b =-50ma -0.5 v base-emitter saturation voltage v be (sat) ic=500ma,i b =-50ma -1.2 v base-emitter saturation voltage v be v ce =-1v,ic=-10ma -1.0 v current gain bandwidth product f t v ce =-10v,ic=-50ma 100 mhz output capacitance cob v cb =10v,i e =0 f=1mhz 9.0 pf
qw-r201-012,a classification of hfe2 rank c d e range 120-200 160-300 280-400 typical characteristic curves fig.1 static characteristics collector-emitter voltage ( v) ic,collector current (ma) 0 0.4 0.8 1.2 1.6 2.0 0 0.1 0.2 0.3 0.4 0.5 i b =0.5ma i b =1.0ma i b =1.5ma i b =2.0ma i b =2.5ma i b =3.0ma fig.2 dc current gain ic,collector current (ma) h fe , dc current gain 10 2 10 1 10 0 10 3 10 3 10 2 10 1 10 0 10 -1 v ce =1v fig.3 base-emitter on voltage 10 -1 10 0 10 1 10 2 ic,collector current (ma) base-emitter voltage (v) 0 0.2 0.4 0.6 0.8 1.0 v ce =1v ic,collector current (ma) 10 3 10 2 10 1 10 0 10 -1 saturation voltage (mv) 10 1 10 2 10 3 10 4 fig.4 saturation voltage fig.5 current gain-bandwidth product fig.6 collector output capacitance v ce (sat) v be (sat) ic=10*i b ic,collector current (ma) 10 0 10 1 10 2 10 3 current gain-bandwidth product,f t (mhz) 10 0 10 1 10 2 v ce =10v collector-base voltage (v) cob,capacitance (pf) 10 3 10 3 10 0 10 1 10 2 10 0 10 1 10 2 10 3 f=1mhz i e =0 @vic av 8 5 5 0 s pnp epitaxial silicon transistor


▲Up To Search▲   

 
Price & Availability of AV8550S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X